Part Number Hot Search : 
NTE709 1N4007G 1N4007G A3P030 EN6360QI MAN6780 XGXXX MAX8761
Product Description
Full Text Search
 

To Download 16R1400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
16R Series
Description The 16R Series Radial Leaded device is designed to provide different products in the general applications with maximum 16 volts and a maximum 100-ampere short circuit rating. Features
requirements Agency Approvals
AGENCY AGENCY FILE NUMBER E183209 R50119318
Applications
Electrical Characteristics
Pd typ. (W) 1.0 2.3 2.4 2.6 2.8 3.0 3.0 3.3 3.6 3.7 4.2 4.6
Part Number
I hold (A) 2.5 3.0 4.0 5.0 6.0 7 .0 8.0 9.0 10.0 11.0 12.0 14.0
I trip (A) 4.7 5.1 6.8 8.5 10.2 11.9 13.6 15.3 17 .0 18.7 20.4 23.8
V max (Vdc) 16 16 16 16 16 16 16 16 16 16 16 16
I max (A) 100 100 100 100 100 100 100 100 100 100 100 100
Current (A) 12.5 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 70.0
Time (Sec.) 5.0 1.0 1.7 2.0 3.3 3.5 5.0 5.5 6.0 7 .0 7 .5 9.0
R min () 0.0220 0.0380 0.0210 0.0150 0.0100 0.0077 0.0056 0.0047 0.0040 0.0037 0.0033 0.0026
R 1max () 0.0530 0.0975 0.0600 0.0340 0.0280 0.0200 0.0175 0.0135 0.0102 0.0089 0.0086 0.0064
X X X X X X X X X X X X X X X X X X X X X X X X
16R250G 16R300G 16R400G 16R500G 16R600G 16R700G 16R800G 16R900G 16R1000G 16R1100G 16R1200G 16R1400G
I hold = Hold current: maximum current device will pass without tripping in 23C still air. I trip = Trip current: minimum current at which the device will trip in 23C still air. V max = Maximum voltage device can withstand without damage at rated current (Imax) I max = Maximum fault current device can withstand without damage at rated voltage (Vmax) Pd = Power dissipated from device when in the tripped state at 23C still air.
R min = Minimum resistance of device in initial (un-soldered) state. R 1max = Maximum resistance of device at 23C measured one hour after tripping. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
117 Revised: April 3, 2009
16R Series
16R Series
Maximum Time To Trip
Resistance
Agency Approvals
POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
Temperature Rerating
Ambient Operation Temperature -40C Part Number 16R250G 16R300G 16R400G 16R500G 16R600G 16R700G 16R800G 16R900G 16R1000G 16R1100G 16R1200G 16R1400G 3.7 4.4 5.9 7 .4 8.9 10.4 11.8 13.3 14.8 16.3 17 .7 20.7 3.3 4.0 5.3 6.6 8.0 9.3 10.6 12.0 13.3 14.6 15.9 18.6 2.9 3.5 4.7 5.9 7 .1 8.2 9.4 10.6 11.8 12.9 14.1 16.5 2.5 3.0 4.0 5.0 6.0 7 .0 8.0 9.0 10.0 11.0 12.0 14.0 -20C 0C 23C 40C Hold Current (A) 2.2 2.6 3.5 4.4 5.2 6.1 7 .0 7 .8 8.7 9.6 10.5 12.2 2.0 2.4 3.2 4.0 4.8 5.6 6.3 7 .1 7 .9 8.7 9.5 11.1 1.8 2.1 2.9 3.6 4.3 5.0 5.7 6.5 7 .1 7 .9 8.6 10.0 1.6 1.9 2.6 3.2 3.9 4.5 5.1 5.8 6.4 7 .0 7 .7 9.0 1.3 1.6 2.1 2.6 3.2 3.7 4.2 4.7 5.3 5.8 6.3 7 .4 50C 60C 70C 85C
Average Time Current Curves
2.5 A 3.0 A 4.0 A 5.0 A 6.0 A 7.0 A 8.0 A 9.0 A 10.0 A 11.0 A 12.0 A 14.0 A
Temperature Rerating Curve
170%
100
16R
Percentage of Rated Current
150% 130% 110% 90% 70% 50% 30%
10
Time in Seconds
1
10% -40 -30 -20 -10 0 10 20 30 40 Temperature (C) 50 60 70 80
0.1
0.01
1
10
100
1000
Current in Amperes
The average time current curves and Temperature Rerating curve performance is affected by a number or variables, and these curves provided as guidance only. Customer must verify the performance in their application.
16R Series
118 Revised: April 3, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
Soldering Parameters - Wave Soldering
Refer to the condition recommended by the flux manufacturer.
Temperature (C)
Pre-Heating Zone
260 220
Soldering
Cooling
Max. ramping rate should not exceed 4C/ Sec. Max. solder temperature should not exceed 260C Cooling by natural convection in air.
Preheating 190 160
Soldering Zone
Cooling Zone
0 60 min.
5 max. Time(s)
Physical Specifications
2.5A: Tin-plated Copper clad Steel 3.0 - 14.0A: Tin-plated Copper Solderability per MIL-STD-202, Method 208E Cured, flame retardant epoxy polymer meets UL94V-0 requirements. Marked with `LF', voltage, current rating, and date code.
Environmental Specifications
Operating/Storage Temperature Maximum Device Surface Temperature in Tripped State Passive Aging
Lead Material Soldering Characteristics Insulating Material Device Labeling
-40C to +85C 125C +85C, 1000 hours -/+ 5% typical resistance change +85C, 85% R.H., 1000 hours -/+ 5% typical resistance change +85C to -40C 10 times -/+ 5% typical resistance change MIL-STD-202, Method 215F No change Level 1, J-STD-020C
Humidity Aging
Thermal Shock
Solvent Resistance Moisture Resistance Level
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
119 Revised: April 3, 2009
16R Series
16R Series
POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
Dimensions
A E A E
Part Marking System
Single Sided Marking
telfuse demark
B
250G XXXX
16
B
Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information)
D
D
C
C
Figure 1
Part Number 16R250G 16R300G 16R400G 16R500G 16R600G 16R700G 16R800G 16R900G 16R1000G 16R1100G 16R1200G 16R1400G A Figure 2 1 1 1 1 1 1 1 1 1 1 1 Inches Max. 0.35 0.28 0.35 0.41 0.42 0.44 0.50 0.55 0.65 0.69 0.69 0.93 mm Max. 8.90 7 .10 8.90 10.40 10.70 11.20 12.70 14.00 16.50 17 .50 17 .50 23.50
Figure 2
B Inches Max. 0.50 0.43 0.50 0.56 0.67 0.78 0.82 0.85 0.99 1.02 1.10 1.10 mm Max. 12.80 11.00 12.80 14.30 17 .10 19.70 20.90 21.70 25.20 26.00 28.00 27 .90 Inches Typ. 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.40 0.40 C mm Typ. 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 10.2 10.2 Min. 0.13 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 D Inches mm Min. 3.18 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 Inches Max. 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 E mm Max. 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.50 3.50 Physical Characteristics Lead (dia) Inches 0.020 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.039 0.039 mm 0.51 0.81 0.81 0.81 0.81 0.81 0.81 0.81 0.81 0.81 1.00 1.00
Material
Sn/CuFe Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu
16R Series
120 Revised: April 3, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
Part Ordering Number System
16 R 500
G PR
PACKAGING STYLE BLANK: Bulk R: Tape & Ammo
SERIES
QUANTITY CODE: F=200 H=100 M=1000 D=1500 P=2000 U=500 TYPE: G (16VDC) I HOLD CURRENT CODE (SEE TABLE BELOW) R: RADIAL
VOLTAGE RATING (VDC)
Packaging Options
Part Number 16R250G 16R300G 16R400G 16R500G 16R600G 16R700G 16R800G 16R900G 16R1000G 16R1100G 16R1200G 16R1400G Ordering Number 16R250GU 16R250GPR 16R300GU 16R300GPR 16R400GU 16R400GPR 16R500GU 16R500GPR 16R600GU 16R600GDR 16R700GF 16R700GMR 16R800GF 16R800GMR 16R900GF 16R900GMR 16R1000GF 16R1000GMR 16R1100GF 16R1100GMR 16R1200GH 16R1200GMR 16R1400GH I hold (A) 2.50 3.00 4.00 5.00 6.00 7 .00 8.00 9.00 10.00 11.00 12.00 14.00 I hold Code 250 300 400 500 600 700 800 900 1000 1100 1200 1400 Packaging Option Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Quantity 500 2000 500 2000 500 2000 500 2000 500 1500 200 1000 200 1000 200 1000 200 1000 200 1000 100 1000 100 Quantity & Packaging Codes U PR U PR U PR U PR U DR F MR F MR F MR F MR F MR H MR H
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
121 Revised: April 3, 2009
16R Series
16R Series
POLYFUSE(R) Resettable PTCs
Radial Leaded > 16R Series
Tape and Ammo Specifications Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
Dimensions Dimension EIA Mark IEC Mark Dim. (mm) Tol. (mm)
Carrier tape width Hold down tape width: Top distance between tape edges Sprocket hole position Sprocket hole diameter* Abscissa to plane(straight lead) Abscissa to plane(kinked lead) Abscissa to top Overall width w/o lead protrusion Overall width w/ lead protrusion Lead protrusion Protrusion of cut out Protrusion beyond hold-down tape Sprocket hole pitch Device pitch: Pitch tolerance Tape thickness Tape thickness with splice Splice sprocket hole alignment Body lateral deviation Body tape plane deviation Ordinate to adjacent component lead* Ordinate to adjacent component lead* Lead spacing:16R250G-16R1100G Lead spacing:16R1200G-16R1400G *Differs from EIA specification
W W4 W6 W5 D0 H H0
W W0 W2 W1 D0 H H0
18 11 3 9 4 18.5 16 45.0 56 57
-0.5 /+1.0 min. max. -0.5 /+0.75 -0.32 /+0.2 -/+ 3.0 -/+ 0.5 max. max. max. max. max.
L1 L l2 P0
l1 L l2 P0
1.0 11 Not specified 25.4 25.4 20 consecutive.
-/+ 0.5
-/+ 1 max. max. -/+ 0.3 -/+ 1.0 -/+ 1.3 -/+ 0.7 -/+ 0.7 -/+ 0.8 -/+ 0.8
t t1
t
0.9 2.0 0
h p P1
h p P1
0 0 3.81 7 .62
F F
F F
5.08 10.18
Tape and Ammo Diagram
h
h
Figure 1
Reference plane
h
p
H1 L I2 L1
A1 F A B H0 W4 W5 W
H1 C 1 H C2
P0
D0
Direction of unreeling Cross section A - B
t
122 Revised: April 3, 2009 (c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information.
16R Series


▲Up To Search▲   

 
Price & Availability of 16R1400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X